|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IN74HC221A DUAL MONOSTABLE MULTIVIBRATOR The IN74HC221A is identical in pinout to the LS/ALS221. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. There are two trigger inputs, A INPUT (negative edge) and B INPUT (positive edge). These inputs are valid for rising/falling signals The device may also be triggered by using the RESET input (positive-edge) because of the Schmitt-trigger input; after triggering the output maintains the MONOSTABLE state for the time period determined by the external resistor REXT and capacitor CEXT. Taking RESET low breaks this MONOSTABLE STATE. If the next trigger pulse occurs during the MONOSTABLE period it makes the MONOSTABLE period longer. Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 3.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices LOGIC DIAGRAM 1A DEXT CEXT REXT CEXT DEXT REXT N SUFFIX PLASTIC 16 1 16 1 D SUFFIX SOIC * * * * ORDERING INFORMATION IN74HC221AN Plastic IN74HC221AD SOIC IZ74HC221AZ Chip TA = -55 to 125 C for all packages PIN ASSIGNMENT 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 V CC 1REXT/CEXT 1CEXT 1Q 2Q 2RESET 2B 2A 1B 1RESET 1Q 2Q PIN 16 =VCC PIN 8 = GND 2CEXT 2REXT/CEXT GND FUNCTION TABLE A Inputs B RESET H H Outputs Q Q Note Output Enable Inhibit Inhibit Output Enable Output Enable Inhibit Note X L H L* H* (1) CEXT, REXT, DEXT are external components. * H X H L H* (2) DEXT is a clamping diode. L H The external capacitor is charged to VCC in the stand-by state, i.e. no trigger. When the supply voltage is turned off L H CX is discharged mainly through an internal parasitic diode. If CX is sufficiently large and VCC decreases rapidy, X X L L H there will be some possibility of damaging the I.C. with a X = don't care surge current or latch-up. If the voltage supply filter * - except for monostable period capacitor is large enough and VCC decrease slowly, the surge current is automatically limited and damage the I.C. is avoided. The maximum forward current of the parasitic diode is approximately 20 mA. 1 IN74HC221A MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -1.5 to VCC +1.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 A , B, RESET 30 CEXT, REXT IOUT DC Output Current, per Pin mA 25 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP** 750 mW SOIC Package** 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. ** Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TA Operating Temperature, All Package Types t r, tf Input Rise and Fall Time - RESET VCC =2.0 V VCC =4.5 V (Figure 2) VCC =6.0 V A A or B Min 3.0 * 0 -55 0 0 0 Max 6.0 VCC Unit V V +125 C 1000 ns 500 400 No Limit RX External Timing Resistor VCC <4.5 V 10 1000 k 2.0 1000 VCC 4.5 V CX External Timing Capacitor 0 No F Limit * The IN74HC221 will function at 2.0 V but for optimum pulse width stability, VCC should be above 3.0 V. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. 2 IN74HC221A DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed Limit Symbol Parameter Test Conditions VCC V 85 125 -55C to C C 25 C 0.3 0.3 0.3 VIL Maximum Low - VOUT 0.1 V or 2.0 0.9 0.9 0.9 Level Input Voltage VCC=0.1 V 4.5 1.2 1.2 1.2 6.0 IOUT 20 A 1.5 1.5 1.5 VIH Minimum High-Level VOUT 0.1 V or 2.0 3.15 3.15 3.15 Input Voltage VCC=0.1 V 4.5 4.2 4.2 4.2 6.0 IOUT 20 A 0.1 0.1 0.1 VOL Maximum Low-Level VIN=VIH or VIL 2.0 0.1 0.1 0.1 Output Voltage 4.5 IOUT 20 A 0.1 0.1 0.1 6.0 VIN=VIH or VIL 4.5 0.26 0.33 0.4 IOUT 4.0 mA VIN=VIH or VIL 6.0 0.26 0.33 0.40 IOUT 5.2 mA 1.9 1.9 1.9 VOH Minimum High- VIN=VIH or VIL 2.0 4.4 4.4 4.4 Level Output IOUT -20 A 4.5 5.9 5.9 5.9 Voltage 6.0 VIN=VIH or VIL 4.5 3.98 3.84 3.70 IOUT -4.0 mA VIN=VIH or VIL 6.0 5.48 5.34 5.2 IOUT -5.2 mA IIL Maximum Low- VIL=GND 6.0 -0.1 -1.0 -1.0 Level Output VIH=VCC Current IIH Minimum High- VIL=GND 6.0 0.1 1.0 1.0 Level Input Current VIH=VCC VIL=GND 6.0 8.0 80 160 ICC Maximum Quiescent Supply VI=VCC Current (per IOUT=0 A Package) Standby State 0.13 0.11 0.08 ICC1 Maximum Supply VIL=GND 2.0 1.6 1.3 1.0 Current (per VIH=VCC 4.5 3.2 2.6 2.0 Package) Active IOUT=0 A 6.0 State VIN = 0.5 VCC Unit V V V V A A A mA 3 IN74HC221A AC ELECTRICAL CHARACTERISTICS Parameter Symbol Test Conditions VCC V Guaranteed Limit 85 125 -55C to C C 25C 180 225 270 36 45 54 31 38 46 180 225 270 36 45 54 31 38 46 195 245 295 39 49 59 33 42 50 220 44 37 245 49 42 200 40 34 75 16 14 10 20 275 55 47 305 61 52 250 50 43 95 20 17 10 20 180* 330 66 56 370 74 63 300 60 51 110 22 20 10 20 Unit tPHL Maximum Propagation Delay A, B - Q RESET - Q RESET - Q VIL=0 V VIH=VCC tLH=tHL=6 ns CL=50 pF CEXT=0 REXT=5 k 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 5.0 ns tPLH Maximum Propagation Delay A, B - Q RESET - Q RESET - Q V VIL=0 VIH=VCC tLH=tHL=6 ns CL=50 pF CEXT=0 REXT=5 k ns tTLH, tTHL Maximum Output Transition Time, Any Output(Figures 2 and 3) VIL=0 V VIH=VCC tLH=tHL=6 CL=50 pF ns CIN CPD trec tw tWQ Maximum A , B, RESET Input CX, RX Capacitance Power Dissipation Capacitance (Per Multivibrator) PD=CPDVCC2f+ICCVCC Minimum Recovery Time, VIL=0 V Inactive to A or B VIH=VCC tLH=tHL=6 (Figure 2) CL=50 pF Minimum VIL=0 V A, RESET Pulse Width VIH=VCC tLH=tHL=6 ns pF CL=50 B CEXT=0 REXT=5 k Minimum Pulse Width EXT =0 (Figure 4) REXT=5 k EXT =1 nF REXT=10 k EXT =1 F REXT=10 k pF pF 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 5.0 2.0 4.5 6.0 2.0 4.5 6.0 100 20 17 25 9 7 30 11 9 125 25 21 95 19 16 115 23 20 105* 0.80* 0.75* 0.70* 80* 75* 70* 150 30 26 110 22 19 135 27 23 ns ns ns s * =2510C 4 IN74HC221A Figure 1. Switching Waveforms RESET Figure 2. Switching Waveforms Figure 3. Test Circuit 5 IN74HC221A TIMING DIAGRAM REXT/CEXT EXPANDED LOGIC DIAGRAM REXT/CEXT CEXT 6 IN74HC221A CHIP PAD DIAGRAM IZ74HC221A 2.1 0.03 15 14 13 12 11 10 Chip marking 15HC221 (x=0.140, y=0.884) 1 08 02 (0,0) 03 04 05 06 07 Pad size 0.106 x 0.106 mm (Pad size is given as per passivation layer) Thickness of chip 0,460,02 mm Pad No 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 Symbol 1A 1B 1RESET 1Q 2Q 2CEXT 2REXT/CEXT GND 2A 2B 2RESET 2Q 1Q 1CEXT 1REXT/CEXT VCC PAD LOCATION X 0.152 0.157 0.458 0.715 1.310 1.585 1.836 1.847 1.836 1.837 1.536 1.278 0.684 0.408 0.158 0.147 Y 0.419 0.132 0.134 0.122 0.122 0.122 0.132 0.690 1.275 1.562 1.560 1.572 1.572 1.572 1.562 1.004 7 1.8 0.03 16 09 |
Price & Availability of IZ74HC221AZ |